Part Number Hot Search : 
TDA7570 P3CLHM3 ULN2804 ASI10654 RD110FM 1SMB5915 NJM78L08 0N60C
Product Description
Full Text Search
 

To Download HFU1N60F-16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  q?v~zy??q?v?_ra]?????qcabgq hfu1n60f_hfd1n60f hfu1n60f / hfd1n60f 600v n-channel mosfet oct 2016 parameter value unit bv dss 600 v i d 1a r ds(on), typ 6.5  qg ,typ 3.7 nc key parameters features symbol parameter value unit v dss drain-source voltage 600 v i d drain current ? continuous (t c = 25 e ) 1.0 a drain current ? continuous (t c = 100 e ) 0.6 a i dm drain current ? pulsed (note 1) 4.0 a v gs gate-source voltage  30 v e as single pulsed avalanche energy (note 2) 33 mj i ar avalanche current (note 1) 1.0 a e ar repetitive avalanche energy (note 1) 2.8 mj dv/dt peak diode recovery dv/dt (note 3) 4.5 v/ns p d power dissipation (t a = 25 e )* 2.5 w power dissipation (t c = 25 e ) - derate above 25 e 28 w 0.22 w/ e t j , t stg operating and storage temperature range -55 to +150 e t l maximum lead temperature for soldering purposes, 1/8? from case for 5 seconds 300 e symbol parameter value unit r  jc junction-to-case, max. 4.53 e /w r  ja junction-to-ambient (minimum pad of 2 oz copper), max. 110 e /w r  ja junction-to-ambient (* 1 in 2 pad of 2 oz copper), max. 50 e /w thermal resistance characteristics hfu1n60f to-251 hfd1n60f to-252 symbol absolute maximum ratings t c =25 e unless otherwise specified g d s g d s ? originative new design ? very low intrinsic capacitances ? excellent switching characteristics ? 100% avalanche tested ? rohs compliant
q?v~zy??q?v?_ra]?????qcabgq hfu1n60f_hfd1n60f notes : 1. repetitive rating : pulse width limited by maximum junction temperature 2. l=59mh, i as =1a, v dd =50v, r g =25 : , starting t j =25 q c 3. i sd ?$glgw?$v9 dd ?%9 dss , starting t j =25 q c 4. pulse test : pulse width ?v'xw\&\foh? 5. essentially independent of operating temperature electrical characteristics t j =25 e unless otherwise specified symbol parameter test conditions min typ max unit on characteristics v gs gate threshold voltage v ds = v gs , i d = 250 $ 2.0 -- 4.0 v r ds(on) static drain-source on-resistance v gs = 10 v, i d = 0.5 a -- 6.5 8 ? off characteristics bv dss drain-source breakdown voltage v gs = 0 v, i d = 250 $ 600 -- -- v i dss zero gate voltage drain current v ds = 600 v, v gs = 0 v -- -- 10 $ v ds = 480 v, t c = 125 e -- -- 100 $ i gss gate-body leakage current v gs =  30 v, v ds = 0 v -- --  100 na dynamic characteristics c iss input capacitance v ds = 25 v, v gs = 0 v, f = 1.0 mhz -- 160 -- pf c oss output capacitance -- 26 -- pf c rss reverse transfer capacitance -- 6.5 -- pf switching characteristics t d(on) turn-on time v ds = 300 v, i d = 1 a, r g = 25 ? (note 4,5) -- 13 -- ns t r turn-on rise time -- 17 -- ns t d(off) turn-off delay time -- 19 -- ns t f turn-off fall time -- 22 -- ns q g total gate charge v ds = 480 v, i d = 1 a, v gs = 10 v (note 4,5) -- 3.7 -- nc q gs gate-source charge -- 0.9 -- nc q gd gate-drain charge -- 1.3 -- nc drain-source diode characteristics and maximum ratings i s maximum continuous drain-source diode forward current -- -- 1 a i sm maximum pulsed drain-source diode forward current -- -- 4 v sd drain-source diode forward voltage v gs = 0 v, i s = 1 a -- -- 1.3 v trr reverse recovery time v gs = 0 v, i s = 1 a di f /dt = 100 a/ v -- 181 -- ns qrr reverse recovery charge -- 0.5 -- &
q?v~zy??q?v?_ra]?????qcabgq hfu1n60f_hfd1n60f i dr , reverse drain current [a] v sd , source-drain voltage [v] typical characteristics figure 1. on region characteristics figure 2. transfer characteristics figure 3. on resistance variation vs drain current and gate voltage figure 4. body diode forward voltage variation with source current and temperature figure 5. capacitance characteristics figur e 6. gate charge characteristics 01234 0 2 4 6 8 10 12 v gs , gate-source voltage [v] q g , total gate charge [nc] * note : i d = 1.0a v ds = 300v v ds = 120v v ds = 480v 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 0 5 10 15 20 i d , drain current[a] r ds(on) [ : ], drain-source on-resistance v gs = 10v v gs = 20v * note : t j = 25 o c i d , drain current [a] v ds , drain-source voltage [v] i d , drain current [a] v gs , gate-source voltage [v] 10 -1 10 0 10 1 0 50 100 150 200 250 300 c iss = c gs + c gd (c ds = shorted) c oss = c ds + c gd c rss = c gd * note ; 1. v gs = 0 v 2. f = 1 mhz c rss c oss c iss capacitances [pf] v ds , drain-source voltage [v]
q?v~zy??q?v?_ra]?????qcabgq hfu1n60f_hfd1n60f figure 7. breakdown voltage variation vs temperature figure 8. on-resistance variation vs temperature figure 9. maximum safe operating area figure 10. maximum drain current vs case temperature figure 11. transient thermal response curve typical characteristics (continued) 10 0 10 1 10 2 10 3 10 -2 10 -1 10 0 10 1 100 ms dc 10 ms 1 ms 100 p s operation in this area is limited by r ds(on) * notes : 1. t c = 25 o c 2. t j = 150 o c 3. single pulse i d , drain current [a] v ds , drain-source voltage [v] 25 50 75 100 125 150 0.0 0.2 0.4 0.6 0.8 1.0 i d , drain current [a] t c , case temperature [ o c] -100 -50 0 50 100 150 200 0.8 0.9 1.0 1.1 1.2  note : 1. v gs = 0 v 2. i d = 250 p a bv dss , (normalized) drain-source breakdown voltage t j , junction temperature [ o c] -100 -50 0 50 100 150 200 0.0 0.5 1.0 1.5 2.0 2.5 note : 1. v gs = 10 v 2. i d = 0.5 a r ds(on) , (normalized) drain-source on-resistance t j , junction temperature [ o c] 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 -2 10 -1 10 0 * notes : 1. z t jc (t) = 4.53 o c/w max. 2. duty factor, d=t 1 /t 2 3. t jm - t c = p dm * z t jc (t) single pulse d=0.5 0.02 0.2 0.05 0.1 0.01 z t jc (t), thermal response t 1 , square wave pulse duration [sec] t 2 t 1 p dm
q?v~zy??q?v?_ra]?????qcabgq hfu1n60f_hfd1n60f fig 12. gate charge test circuit & waveform fig 13. resistive switching test circuit & waveforms fig 14. unclamped inductive switching test circuit & waveforms e as =l l i as 2 ---- 2 1 -------------------- bv dss -- v dd bv dss v in v ds 10% 90% t d(on) t r t on t off t d(off) t f charge v gs 10v q g q gs q gd v dd v ds bv dss t p v dd i as v ds (t) i d (t) time v dd ( 0.5 rated v ds ) 10v v ds r l dut r g 3ma v gs dut v ds 300nf . 200nf 12v same type as dut 10v dut r g l i d
q?v~zy??q?v?_ra]?????qcabgq hfu1n60f_hfd1n60f fig 15. peak diode recovery dv/dt test circuit & waveforms dut v ds + _ driver r g same type as dut v gs ? dv/dt controlled by r g ?i s controlled by pulse period v dd l i s 10v v gs ( driver ) i s ( dut ) v ds ( dut ) v dd body diode forward voltage drop v f i fm , body diode forward current body diode reverse current i rm body diode recovery dv/dt di/dt d = gate pulse width gate pulse period --------------------------
q?v~zy??q?v?_ra]?????qcabgq hfu1n60f_hfd1n60f package dimension 5.35 0.15 6.6 0.2 0.75 0.15 2.3typ 2.3typ 5.6 0.2 7 0.2 7.5 0.3 0.6 0.1 2.3 0.1 0.5 0.05 1.2 0.3 0.5 +0.1 -0.05 0.8 0.15 p t w h r g o { v t y \ x p g ^ u _ w u [ g
q?v~zy??q?v?_ra]?????qcabgq hfu1n60f_hfd1n60f package dimension 5.35 0.15 6.6 0.2 5.6 0.2 0.6 0.2 0.8 0.2 2.3typ 2.3typ 2.7 0.3 9.7 +0.5 -0.3 0.05 +0.1 -0.05 0.5 +0.1 -0.05 0.5 0.05 2.3 0.1 1.2 0.3 1.2 0.3 1 0.2 k t w h r g o { v t y \ y p g


▲Up To Search▲   

 
Price & Availability of HFU1N60F-16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X